Part Number Hot Search : 
280HZ GBJL1501 24N60M2 2222K TA7376P XM1316 BD2224G TDA5210
Product Description
Full Text Search
 

To Download SEMD9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMD9
NPN/PNP Silicon Digital Transistor Array Preliminary data * Switching circuit, inverter, interface circuit, driver circuit * Two (galvanic) internal isolated NPN/PNP Transistors in one package * Built in bias resistor (R1=10k, R2 =47k) Tape loading orientation
Top View
321
4 5 3 6 1 2
Marking on SOT666 package (for example W R) corresponds to pin 1 of device Position in tape: pin 1 same of feed hole side
C1 6
B2 5
E2 4
R2 R1 TR1 R2 1 2 B1 3 C2
EHA07176
TR2 R1
456
Direction of Unreeling
Type SEMD9
Maximum Ratings Parameter
Collector-emitter voltage Collector-base voltage Emitter-base voltage Input on Voltage DC collector current Total power dissipation, TS = 75 C Junction temperature Storage temperature
Thermal Resistance
Junction - soldering point 1)
1For calculation of R thJA please refer to Application Note Thermal Resistance
WR
E1
Marking WU
Pin Configuration Package 1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SOT666
Symbol VCEO VCBO VEBO Vi(on) IC Ptot Tj Tstg
Value 50 50 6 20 100 250 150 -65 ... 150
Unit V
mA mW C
RthJS
300
K/W
1
Feb-26-2004
SEMD9
Electrical Characteristics at TA=25C, unless otherwise specified Parameter Symbol Values min. DC Characteristics Collector-emitter breakdown voltage IC = 100 A, IB = 0 Collector-base breakdown voltage IC = 10 A, IE = 0 Collector cutoff current VCB = 40 V, IE = 0 Emitter cutoff current VEB = 6 V, IC = 0 DC current gain 1) IC = 5 mA, VCE = 5 V Collector-emitter saturation voltage1) IC = 10 mA, IB = 0.5 mA Input off voltage IC = 100 A, VCE = 5 V Input on Voltage IC = 2 mA, VCE = 0.3 V Input resistor Resistor ratio AC Characteristics Transition frequency IC = 10 mA, VCE = 5 V, f = 100 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Ccb 2 fT 150 R1 R1/R2 7 0.19 10 0.21 13 0.24 Vi(on) 0.5 1.4 Vi(off) 0.5 1 VCEsat 0.3 hFE 70 IEBO 167 ICBO 100 V(BR)CBO 50 V(BR)CEO 50 typ. max.
Unit
V
nA A V
k -
MHz pF
1) Pulse test: t < 300s; D < 2%
2
Feb-26-2004
SEMD9 NPN Type
DC Current Gain hFE = f (I C) VCE = 5V (common emitter configuration)
10 3
Collector-Emitter Saturation Voltage VCEsat = f (IC), hFE = 20
10 2
mA
hFE
10 2
IC
10 1 10 1 10 0 -1 10
0 1
10
10
mA
10
2
10 0 0
0.2
0.4
0.6
V
1
IC
VCEsat
Input on Voltage Vi(on) = f (IC ) VCE = 0.3V (common emitter configuration)
10 2
Input off voltage Vi(off) = f (IC ) VCE = 5V (common emitter configuration)
10 1
mA
mA
10 0 10 1
IC
IC
10
-1
10 0 10
-2
10 -1 -1 10
10
0
10
1
V
10
2
10
-3
0
0.5
1
V
2
Vi(on)
Vi(off)
3
Feb-26-2004
SEMD9 PNP Type
DC Current Gain hFE = f (I C) VCE = 5V (common emitter configuration)
10 3
Collector-Emitter Saturation Voltage VCEsat = f (IC), hFE = 20
10 2
mA
hFE
10 2
IC
10 1 10 1 10 0 -1 10
0 1
10
10
mA
10
2
10 0 0
0.2
0.4
0.6
V
1
IC
VCEsat
Input on Voltage Vi(on) = f (IC ) VCE = 0.3V (common emitter configuration)
10 2
Input off voltage Vi(off) = f (IC) VCE = 5V (common emitter configuration)
10 1
mA
mA
10 0 10 1
IC
IC
10
-1
10 0 10
-2
10 -1 -1 10
10
0
10
1
V
10
2
10
-3
0
0.5
1
V
2
Vi(on)
Vi(off)
4
Feb-26-2004
SEMD9
Total power dissipation P tot = f (TS)
300
mW
Ptot
200
150
100
50
0 0
15
30
45
60
75
90 105 120 C
150
TS
Permissible Pulse Load RthJS = f (tp)
Permissible Pulse Load Ptotmax / PtotDC = f (tp)
10 3
K/W
10 3
10 2
Ptotmax/ PtotDC
RthJS
10 2
10 1
10 0
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 1
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 -1 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
5
Feb-26-2004


▲Up To Search▲   

 
Price & Availability of SEMD9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X